|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) DEVICE SPECIFICATION SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR BiCMOS LVPECL OC-48 TRANSMITTER AND RECEIVER CLOCK GENERATOR SONET/SDH/ATM OC-12 16 BIT TRANSCEIVER WITH CDR * * * * * Section repeaters Add Drop Multiplexers (ADM) Broad-band cross-connects Fiber optic terminators Fiber optic test equipment S3055 S3055 S3055 FEATURES * CMOS 0.18 micron technology * Complies with Bellcore and ITU-T specifications * On-chip high-frequency PLL for clock generation and clock recovery * Supports OC-48 (2488.32 Mbps) * Reference frequency of 155.52 MHz * Interface to LVPECL and LVTTL logic * 16-bit differential LVPECL data path * 324 FC-PBGA * Diagnostic loopback mode * Supports line timing * Lock detect * Signal detect input * Low jitter LVPECL interface * Internal FIFO to decouple transmit clocks * Dual 1.8 V/ 3.3 V supply * Typical power 1.25 Watts * Available in die form GENERAL DESCRIPTION The S3055 SONET/SDH transceiver chip is a fully integrated serialization/deserialization SONET OC-48 (2488.32 Mbps) interface device. The S3055 receives an OC-48 scrambled Non-Return to Zero (NRZ) signal and recovers the clock from the data. The chip performs all necessary serial-to-parallel and parallelto-serial functions in conformance with SONET/SDH transmission standards. The device is suitable for SONET-based WDM applications. Figure 1 shows a typical network application. On-chip clock synthesis is performed by the highfrequency Phase-Locked Loop (PLL) on the S3055 transceiver chip allowing the use of a slower external transmit clock reference. The chip can be used with a 155.52 MHz reference clock in support of existing system clocking schemes. The low jitter LVPECL interface is compliant with the bit-error rate requirements of the Bellcore and ITU-T standards. The S3055 is packaged in a 324 FC-PBGA, offering designers a small package outline. The S3055 is also available in die form. APPLICATIONS * Wavelength Division Multiplexing (WDM) equipment * SONET/SDH-based transmission systems * SONET/SDH modules * SONET/SDH test equipment * ATM over SONET/SDH Figure 1. System Block Diagram 16 AMCC AMAZON S4801 AMCC S3055 OTX ORX AMCC S3055 16 AMCC AMAZON S4801 16 16 ORX OTX May 25, 2001 / Revision A 1 S3055 S3055 OVERVIEW SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR The S3055 is divided into a transmitter section and a receiver section. The sequence of operations is as follows: Transmitter Operations: 1. 16-bit parallel input 2. Parallel-to-serial conversion 3. Serial output Receiver Operations: 1. Clock and data recovery from serial input 2. Serial-to-parallel conversion 3. 16-bit parallel output Internal clocking and control functions are transparent to the user. The S3055 transceiver implements SONET/SDH serialization/deserialization, and transmission functions. The block diagram in Figure 2 shows the basic operation of the chip. This chip can be used to implement the front end of SONET equipment, which consists primarily of the serial transmit interface and the serial receive interface. The chip handles all the functions of these two elements, including parallel-to-serial and serial-to-parallel conversion, clock generation, and system timing. The system timing circuitry consists of management of the data stream and clock distribution throughout the front end. Table 1 shows the suggested interface devices for the S3055. Table 1. Sugggested Interface Devices STS-48C POS/ATM SONET AMCC S4801 Mapper SONET/SDH STS-48/STM-16 AMCC S4802 Framer/Pointer Processor STS-48 POS/ATM SONET AMCC S4804 Mapper SONET/SDH STS-48/STM-16 AMCC S4805 Framer/Pointer Processor STS-192 SONET/SDM AMCC S19201 Interleaver/Disinterleaver 2 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 2. S3055 Transceiver Functional Block Diagram S3055 TX PHINITP/N TXCLK_SEL TXLOCKDET CLOCK SYNTHESIZER CLOCKS 155/77 MCKP/N REFCLKP/N POCLKP/N (Internal) RLPTIME BYPASSCLKP/N TXCAP1 TXCAP2 BYPASS TESTEN PINP/N[15:0] PICLKP/N SLPTIME LLEB TIME GEN PCLKP/N PHERRP/N 16 16:1 Parallel to Serial TXDP/N D TSDP/N TXCLKP/N KILLRXCLKB TSCLKP/N BACKUP REFERENCE GENERATOR RX TIME GEN POCLKP/N TXDP/N (Internal) RSDP/N CDR R RXCAP1 RXCAP2 1:16 SERIAL TO PARALLEL 16 POUTP/N[15:0] D DLEB LCKREFN LOCKDET RXLOCKDET SDLVTTL SDLVPECL RSTB May 25, 2001 / Revision A 3 S3055 S3055 TRANSCEIVER FUNCTIONAL DESCRIPTION TRANSMITTER OPERATION SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR output and the REFCLKP/N input, a loop filter which converts the phase detector output into a smooth DC voltage, and a VCO, whose frequency is varied by this voltage. The loop filter generates a VCO control voltage based on the average DC level of the phase discriminator output pulses. A single external clean-up capacitor is utilized as part of the loop filter. The loop filter's corner frequency is optimized to minimize output phase jitter. The S3055 transceiver chip performs the serialization stage in the processing of a transmit SONET STS-48 data stream. It converts 16-bit parallel data to bit serial format at 2488.32 Mbps. A high-frequency bit clock can be generated from a 155.52 MHz frequency reference by using an integral frequency synthesizer consisting of a Phase-Locked Loop (PLL) circuit with a divider in the loop. Diagnostic loopback (transmitter to receiver) and line loopback (receiver to transmitter) is provided. See Other Operating Modes. Timing Generator The timing generation function, seen in Figure 2, provides a divide-by-16 rate version of the transmit serial clock. This circuitry also provides an internally generated load signal, which transfers the PINP/N[15:0] data from the FIFO to the serial shift register. The PCLK output is a divide-by-16 rate version of the transmit serial clock. PCLK is intended for use as a divide-by-16 clock for upstream multiplexing and overhead processing circuits. Using PCLK for upstream circuits will ensure a stable frequency and phase relationship between the data coming into and leaving the S3055 device. The timing generator also produces a feedback reference clock to the clock synthesizer. A counter divides the synthesized clock down to the same frequency as the REFCLK. The PLL in the clock synthesizer maintains the stability of the synthesized clock by comparing the phase of the internal clock with that of the REFCLK. Clock Synthesizer The clock synthesizer, shown in the block diagram in Figure 2, is a monolithic PLL that generates the serial output clock frequency locked to the input Reference Clock (REFCLKP/N). The REFCLKP/N input must be generated from a crystal oscillator which has a frequency accuracy that meets the value stated in Table 7, the frequency spectrum in Figure 11. In order for the Transmit Serial Clock (TSCLK) frequency to have the same accuracy required for operation in a SONET system. The REFCLK must meet the phase noise requirements shown in Figure 11 to meet the jitter generation specifications given in Table 7. Lower accuracy crystal oscillators may be used in applications less demanding than SONET/SDH. The on-chip PLL consists of a phase detector, which compares the phase relationship between the VCO Table 2. Reference Jitter Limits Operating Mode STS-48 Band Width 12 kHz to 20 MHz RMS Jitter 5 ps 4 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Parallel-to-Serial Converter The parallel-to-serial converter shown in Figure 2 is comprised of a FIFO and a parallel-to-serial register. The FIFO input latches the data from the PINP/N[15:0] bus on the rising edge of PICLK. The parallel-to-serial register is a loadable shift register which takes its parallel input from the FIFO output. An internally generated divide-by-16 clock, which is phase aligned to the transmit serial clock as described in the Timing Generator description, activates the parallel data transfer between registers. The serial data is shifted out of the parallel-to-serial register at the TSCLK rate. S3055 FIFO A FIFO is added to decouple the internal and external (PICLK) clocks. The internally generated divideby-16 clock is used to clock out data from the FIFO. Phase Initialization (PHINIT) and Lock Detect (LOCKDET) are used to center or reset the FIFO. The PHINIT and LOCKDET signals will center the FIFO after the third PICLK pulse. This is in order to insure that PICLK is stable. This scheme allows the user to have an infinite PCLK to PICLK delay through the ASIC. Once the FIFO is centered, the PCLK to PICLK delay can have a maximum drift as specified by Table 17. clock are the same, their phase relationship is arbitrary. To prevent errors caused by short setup or hold times between the two timing domains, the timing generator circuitry monitors the phase relationship between PICLK and the internally generated clock. When a potential setup or hold time violation is detected, the phase error becomes active. When Phase Error (PHERR) conditions occur, PHINIT should be activated to recenter the FIFO (at least 2 PCLK periods). This can be done by connecting PHERR to PHINIT. When realignment occurs, up to ten bytes of data will be lost. The user can also take in the PHERR signal, process it and send an output to PHINIT in such a way that idle bytes are lost during the realignment process. PHERR will go inactive when the realignment is complete. RECEIVER OPERATION The S3055 transceiver chip provides the first stage of the digital processing of a receive SONET STS-48 bit-serial stream. It converts the bit-serial 2.488 Gbps data stream into a 16-bit parallel data format. A loopback mode is provided for diagnostic loopback (transmitter to receiver). A line loopback (receiver to transmitter) is also provided. Clock Recovery The S3055 clock recovery device performs the clock recovery function for SONET OC-48 serial data links. The chip extracts the clock from the serial data inputs and provides retimed clock and data outputs. A 155.52 MHz reference clock is used for phase locked loop start up and proper operation under loss of signal conditions. An integral prescaler and phase locked loop circuit is used to multiply this reference to the nominal bit rate. The clock recovery generates a clock that is at the same frequency as the incoming data bit rate at the serial data input. The clock is phase aligned by a PLL so that it samples the data in the center of the data eye pattern. The phase relationship between the edge transitions of the data and those of the generated clock are compared by a phase/frequency discriminator. Output pulses from the discriminator indicate the required direction of phase corrections. These pulses are smoothed by an integral loop filter. The output of the loop filter controls the frequency of the Voltage Controlled Oscillator (VCO), which generates the recovered clock. FIFO Initialization The FIFO can be initialized in one of the following three ways: 1. During power up, once the PLL has locked to the reference clock provided on the REFCLK pins, the LOCKDET will go active and initialize the FIFO. 2. When RSTB goes active, the entire chip is reset. This causes the PLL to go out of lock and thus the LOCKDET goes inactive. When the PLL reacquires the lock, the LOCKDET goes active and initializes the FIFO. Note: PCLK is held in reset when RSTB is active. 3. The user can also initialize the FIFO by raising PHINIT. During normal operation, the incoming data is passed from the PICLK timing domain to the internally generated divide-by-16 clock domain. Although the frequency of PICLK and the internally generated May 25, 2001 / Revision A 5 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR OTHER OPERATING MODES Diagnostic Loopback When the Diagnostic Loopback Enable (DLEB) input is active, a loopback from the transmitter to the receiver at the serial data rate can be set up for diagnostic purposes. The differential serial output data from the transmitter is routed to the serial-toparallel block in place of the Receiver Serial Data (RSD). Transmit Serial Data/Transmit Serial Clock (TSD/TSCLK) outputs are active. DLEB takes precedence over SDLVPECL and SDLVTTL. Frequency stability without incoming data is guaranteed by an alternate reference input (REFCLK) that the PLL locks onto when data is lost. If the frequency of the incoming signal varies by a value greater than that stated in Table 7, with respect to REFCLKP/N, the PLL will be declared out of lock, and the PLL will lock to the reference clock. The assertion of LVTTL Signal Detect (SDLVTTL) or LVPECL Signal Detect (SDLVPECL) will also cause an out of lock condition. The loop filter transfer function is optimized to enable the PLL to track the jitter, yet tolerate the minimum transition density expected in a received SONET data signal. The total loop dynamics of the clock recovery PLL yield a jitter tolerance which exceeds the minimum tolerance proposed for SONET equipment by the Bellcore TA-NWT-000253 standard, shown in Figure 3. Line Loopback The line loopback circuitry selects the source of the data and clock which is output on TSD and TSCLK. When the Line Loopback Enable (LLEB) input is inactive, it selects the data and clock from the parallel to serial converter block. When LLEB is active, it forces the output data multiplexer to select the data and clock from the RSD and Receive Serial Clock (RSCLK) inputs, and a receive-to-transmit loopback can be established at the serial data rate. Lock Detect The S3055 contains a lock detect circuit which monitors the integrity of the serial data inputs. If the received serial data fails the frequency test, the PLL will be forced to lock to the local reference clock. This will maintain the correct frequency of the recovered clock output under loss of signal or loss of lock conditions. If the recovered clock frequency deviates from the local reference clock frequency by a value greater than that stated in Table 7, the PLL will be declared out of lock. The lock detect circuit will poll the input data stream in an attempt to reacquire lock to data. If the recovered clock frequency is determined to be within the values stated in Table 7, the PLL will be declared in lock and the lock detect output will go active. When SDLVTTL XOR SDLVPECL = 0, it causes an out of lock condition. Loop Timing In Serial Loop Timing (SLPTIME) mode, the clock synthesizer PLL of the S3055 is bypassed, and the timing of the entire transmitter section is controlled by the Receive Serial Clock, RSCLKP/N. This mode is entered by setting the SLPTIME input to a TTL high level. In this mode, the REFCLKP/N input is not used to generate TSCLKP/N. It should be carefully noted that the internal PLL and CDR PLL continue to operate in this mode, and continue as the source for the 155/77MCK and RSD/RSCLK, and if these signals are being used, the REFCLKP/N input must be properly driven. In Reference Loop Timing (RLPTIME) mode, the Parallel Output Clock (POCLK) from the receiver is used as the reference clock to the transmitter. The 155/77MCK are generated from the POCLK in this operating mode. Serial-to-Parallel Converter The serial-to-parallel converter consists of two 16-bit registers. The first is a serial-in, parallel-out shift register, which performs the serial-to-parallel conversion clocked by the clock recovery block. On the falling edge of the Parallel Output Clock (POCLK), the data in the parallel register is transferred to an output parallel register which drives POUTP/N[15:0]. 6 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR CDR CHARACTERISTICS Performance The S3055 CDR PLL complies with the jitter specifications proposed for SONET/SDH equipment defined by the Bellcore Specifications: GR-253CORE, Issue 2, December 1995 and ITU-T Recommendations: G.958 document, when used as specified. Input Jitter Tolerance Input jitter tolerance is defined as the peak to peak amplitude of sinusoidal jitter applied on the input signal that causes an equivalent 1 dB optical/electrical power penalty. SONET input jitter tolerance requirements are shown in Figure 3. Jitter Transfer The jitter transfer function is defined as the ratio of jitter on the output OC-N/STS-N signal to the jitter applied on the input OC-N/STS-N signal versus frequency. Jitter transfer requirements are shown in Figure 4. The measurement condition is that input sinusoidal jitter up to the mask level in Figure 3 be applied. Jitter Generation The jitter generation of the serial clock and serial data outputs shall not exceed the value specified in Table 7 when a serial data input with no jitter is presented to the serial data inputs. The REFCLK input must meet the phase noise requirements shown in Figure 11 to meet the jitter generation value specified in Table 7. Jitter Transfer Acceptable S3055 Figure 3. Input Jitter Tolerance Specification Sinusodal Input Jitter Amplitude (UI p-p) 15 1.5 0.15 f0 f1 f2 f3 ft Frequency OC/STS Level 48 f0 (Hz) 10 f1 (Hz) 600 f2 (Hz) 6000 f3 (kHz) 100 ft (kHz) 1000 Figure 4. Jitter Transfer Specification P slope = -20 dB/decade Range fc Frequency OC/STS Level1,2 48 fc (kHz) 2000 P (dB) 0.1 1. Bellcore Specifications: GR-253- CORE, Issue 2, December 1995. 2. ITU-T Recommendations: G.958. May 25, 2001 / Revision A 7 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 3. S3055 Transmitter Pin Assignment and Descriptions Pin Name PINP0 PINN0 PINP1 PINN1 PINP2 PINN2 PINP3 PINN3 PINP4 PINN4 PINP5 PINN5 PINP6 PINN6 PINP7 PINN7 PINP8 PINN8 PINP9 PINN9 PINP10 PINN10 PINP11 PINN11 PINP12 PINN12 PINP13 PINN13 PINP14 PINN14 PINP15 PINN15 PICLKP PICLKN Level Internally Biased Diff. LVPECL I/O I Pin # V12 U12 P13 N13 U13 T13 R14 P14 V14 U14 U15 T15 V16 U16 T18 T17 R17 R16 P18 P17 N17 N16 M15 M14 M18 M17 L17 L16 K18 K17 K15 K14 R12 P12 Description Parallel Input Data, aligned to the PICLK parallel input clock. PINP/N[15] is the most significant bit (corresponding to bit 1 of each PCM word, the first bit transmitted). PINP/N[0] is the least significant bit (corresponding to bit 16 of each PCM word, the last bit transmitted). PINP/N[15:0] is sampled on the rising edge of PICLK. Internally Biased Diff. LVPECL Analog Internally Biased Diff. LVPECL LVTTL I Parallel Input Clock. A divide-by-16, nominally 50% duty cycle input clock, to which PINP/N[15:0] is aligned. PICLK is used to transfer the data on the PINP/N inputs into a holding register in the parallel-to-serial converter. The rising edge of PICLK samples PINP/N[15:0]. Transmit Loop Filter Capacitor. The external loop filter capacitor and resistors are connected to these pins. See Figure 21. Phase Initialization. Rising edge will realign internal timing. TXCAP1 TXCAP2 PHINITP PHINITN I I E18 F18 U11 T11 TXCLK_SEL I E12 Transmit Clock Select. Used to select between the 155.52 MHz and the 77.76 MHz clock on the 155/77 MCKP/N output. A low on TXCLK_SEL selects 155.52 output clock, and a high on TXCLK_SEL selects 77.76 MHz output clock. 8 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 3. S3055 Transmitter Pin Assignment and Descriptions (Continued) Pin Name TSDP TSDN TSCLKP TSCLKN PCLKP PCLKN PHERRP PHERRN TXLOCKDET Level Diff. CML Diff. CML Diff. LVPECL Diff. LVPECL LVTTL I/O O Pin # A11 A10 A15 A14 V9 U9 T10 R10 H2 Description S3055 Transmit Serial Data. Differential CML serial data stream signals, normally connected to an optical transmitter module. Transmit Serial Clock that can be used to retime the TSD signal. O O Parallel Clock. A reference clock generated by dividing the internal bit clock by 16. It is normally used to coordinate 16-bit wide transfers between upstream logic and the S3055 device. Phase Error. Active high. Pulses high during each PCLK cycle for which there is a potential setup/hold timing violation between the internal byte clock and PICLK timing domains. Transmit PLL Lock Detect. Goes High after the PLL has locked to the clock provided on the REFCLK pins. TXLOCKDET is an asynchronous output. O O May 25, 2001 / Revision A 9 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 4. S3055 Receiver Pin Assignment and Descriptions Pin Name RSDP RSDN Level Internally biased and terminated Diff. CML Single Ended LVPECL I/O I Pin # A4 A5 Description Receive Serial Data stream signals normally connected to an optical receiver module. SDLVPECL I A7 LVPECL Signal Detect. LVPECL with internal pull-down. Active high when SDLVTTL is held at a logic 0. A single-ended 10K LVPECL input to be driven by the external optical receiver module to indicate a loss of received optical power. When SDLVPECL is inactive, the data on the Receive Serial Data In (RSDP/N) pins will be internally forced to a constant state (one or zero), and any transition on RSDP/N will be squelched. When SDLVPECL is active, data on the RSDP/N pins will be processed normally. When SDLVTTL is to be connected to the optical receiver module instead of SDLVPECL, then SDLVPECL should be tied high to implement an active low signal detect, or left unconnected to implement an active high signal detect. LVTTL Signal Detect. Active high when SDLVPECL is unconnected (logic 0). Active low when SDLVPECL is held at a logic 1. A single-ended LVTTL input to be driven by the external optical receiver module to indicate a loss of received optical power. When SDLVTTL is inactive, the data on the Receive Serial Data In (RSDP/N) pins will be internally forced to a constant state (one or zero), and any transition on RSDP/N will be squelched. When SDLVTTL is active, data on the RSDP/N pins will be processed normally. Receive Loop FIlter Capacitor. The external loop filter capacitor and resistors are connected to these pins. See Figure 22. Lock to Reference. Active low. When active, the serial clock output will be forced to lock to the local reference clock input [REFCLK]. SDLVTTL LVTTL I B6 RXCAP1 RXCAP2 LCKREFN Analog I D1 E1 B7 LVTTL I 10 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 4. S3055 Receiver Pin Assignment and Descriptions (Continued) Pin Name POUTP0 POUTN0 POUTP1 POUTN1 POUTP2 POUTN2 POUTP3 POUTN3 POUTP4 POUTN4 POUTP5 POUTN5 POUTP6 POUTN6 POUTP7 POUTN7 POUTP8 POUTN8 POUTP9 POUTN9 POUTP10 POUTN10 POUTP11 POUTN11 POUTP12 POUTN12 POUTP13 POUTN13 POUTP14 POUTN14 POUTP15 POUTN15 POCLKP POCLKN Level Diff. LVPECL I/O O Pin # K1 K2 L2 L3 M1 M2 N2 N3 P1 P2 R2 R3 T1 T2 V3 U3 U4 T4 R5 P5 V5 U5 P6 N6 U6 T6 R7 P7 V7 U7 U8 T8 P8 N8 Description S3055 Parallel Data Output bus, aligned to the Parallel Output Clock (POCLK). POUTP/N[15] is the most significant bit (corresponding to bit 1 of each PCM word, the first bit received). POUTP/N[0] is the least significant bit. POUTP/N[15:0] is updated on the falling edge of POCLK. Diff. LVPECL O Parallel Output Clock. A divide-by-16, nominally 50% duty cycle, parallel output clock that is aligned to POUTP/N[15:0] 16-bit parallel output data. POUTP/N[15:0] is updated on the falling edge of POCLK. Receive PLL Lock Detect. Clock recovery indicator that is set high when the internal clock recovery has locked onto the incoming data stream. RXLOCKDET is an asynchronous output. RXLOCKDET LVTTL O H1 May 25, 2001 / Revision A 11 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 5. S3055 Common Pin Assignment and Descriptions Pin Name REFCLKP REFCLKN Level Internally Biased Diff. LVPECL LVTTL I/ O I Pin # H18 H17 Description Reference Clock. Used as the reference for the internal bit clock frequency synthesizer. Internally biased. Diagnostic Loopback Enable. Active low. Selects diagnostic loopback. When DLEB is inactive, the S3055 device uses the primary data (RSD) input. When active, the S3055 device uses the diagnostic loopback data from the transmitter. TSD/TSCLK is active in DLEB. Line Loopback Enable. Active low. Selects line loopback. When LLEB is active, the S3055 will route the data from the RSD/RSCLK inputs to the TSD/TSCLK outputs. Kill Receive Clock Input. Active low. For normal operation, KILLRXCLKB is high. When this input is low, it will force the POCLK output to a logic "0" state. Serial Clock Loop Time Select input. Active high. When active, SLPTIME enables the recovered clock from the receive section to be used in place of the synthesized transmit clock. Reference Clock Loop Time Select input. Active high. When active, RLPTIME enables POCLK from the receiver to be used as the reference clock input to the transmitter. Master Reset. Reset input for the device. Active low for a duration of 5 REFCLK cycles. During reset, all clocks are disabled. Test Enable. Used for production testing. Low for normal operation. 155.52/77.76 MHz clock output from the clock synthesizer. Bypass Clock. Provides an alternative serial clock bypassing the internal VCO. DLEB I C8 LLEB LVTTL I C5 KILLRXCLKB LVTTL I D5 SLPTIME LVTTL I B8 RLPTIME LVTTL I A8 RSTB LVTTL I C9 TESTEN 155/77MCKP 155/77MCKN BYPASSCLKP BYPASSCLKN LVTTL Diff. LVPECL Internally biased and terminated Diff. CML LVTTL I O I C10 H3 H4 B18 C18 BYPASS I C14 Active high. Selects between BYPASS clock and the VCO clock. 12 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 5. S3055 Common Pin Assignment and Descriptions (Continued) Pin Name AVSS Level GND I/O Pin # Description S3055 C1, C2, C3, D2, D4, E2, E4, Analog Ground (0 V). E17, F1, F2, G1, C15, D15, D17, D18, F15, F17, G14, G16, G17, G18, H16 A3, B4, B3 A1, B2 B10, B11, B12 B14, B15, B16 B17, C17 RSD Ground (0 V). TTL Ground (0 V). TSD Ground (0 V). TSCLK Ground (0 V). BYPASS Ground (0 V). VSS_RSD VSS_TTL VSS_TSD VSS_TSCLK VSS_BYPASS VSS_LVPECL GND GND GND GND GND GND J1, L1, M4, N1, K4, N4, N9, LVPECL Ground (0 V). P10, R1, R4, R6, R8, T3, T9, U2, V1, V4, V6, V8 C6, C11, D7, D8, D14, E5, E8, H14, J14, V10 Ground (0 V). VSS VSS_RX GND GND F7, F8, F9, G7, G8, G9, H6, Receive Core Ground (0 V). H7, H8, H9, J6, J7, J8, J9, K7, K8, K9, L7, L8, L9, M6 F10, F11, F12, G10,G11, G12, H10, H11, H12, J10, J11, J12, K10, K11, K12, L10, L11, L12, M11 J17 K16, L15, L18, M13, N12, N18, P11, P15, P16, R18, T12, T14, T16, U17, V11, V13, V15, V18 C7, D6, D10, E6, E7, M16, N14, R11, R15, U18 A2, B1, E14, F14 K3, L4, M3, M8, N5, N7, N10, P3, P4, P9, R9, T5, T7, U1, U10, V2 Transmit Core Ground (0 V). VSS_TX GND VSS_REF VSS_CMOS GND GND Reference clock Ground (0 V). CMOS Ground (0 V). VDD_3V VDD_TTL VDD_LVPECL 3.3 V 3.3 V 3.3 V Power Supply. TTL Power Supply LVPECL Power Supply. May 25, 2001 / Revision A 13 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 5. S3055 Common Pin Assignment and Descriptions (Continued) Pin Name AVDD_RX VDD_RSD VDD_RX_ CORE VDD_TSD VDD_TX_ CORE VDD_1V VDD_TSCLK VDD_1V_REF AVDD_TX VDD_BYPASS VDD_3V_REF NC Level 1.8 V 1.8 V 1.8 V 1.8 V 1.8 V I/O Pin # Description C4, D3, E3, F3, F4, G2, G3, Receive Analog Power Supply. G4 A6, B5 RSD Power Supply. E9, F5, F6, G5, G6, H5, J5, Receive Core Power Supply. K6, L5, L6, M5, M7, M9 A9, B9, A12 E13, F13, G13, H13, J13, K13, L13, M12, M10, E10, E11 N11, R13, L14, V17, N15 D9, D11 A13, B13, A16 J1 6 C16, D16, E15, E16, F16, G15, H15, J15 A17, A18 J18 J4, D12, D13, J2, J3, C12, C13, K5 TSD Power Supply. Transmit Core Power Supply. 1.8 V 1.8 V 1.8 V 1.8 V 1.8 V 3.3 V Power Supply. TSCLK Power Supply. Reference Clock Power Supply. Transmit Analog Power Supply. Bypass Power Supply. Reference Clock Power Supply. No Connect. Do not connect these pins to power or ground. 14 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 5. S3055 Pinout BottomView 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 S3055 1 A VDD_ BYPASS VDD_ BYPASS VDD_TSCLK TSCLKP TSCLKN VDD_TSCLK VDD_TSD TSDP TSDN VDD_TSD RLPTIME SDLVPECL VDD_RSD RSDN RSDP VSS_RSD VDD_TTL VSS_TTL B BYPASSCLKP VSS_BYPASS VSS_TSCLK VSS_TSCLK VSS_TSCLK VDD_TSCLK VSS_TSD VSS_TSD VSS_TSD VDD_TSD SLPTIME LCKREFN SDLVTTL VDD_RSD VSS_RSD VSS_RSD VSS_TTL VDD_TTL C BYPASSCLKN VSS_BYPASS AVDD_TX AVSS BYPASS NC NC VS S TESTEN RSTB DLEB VDD_3V VS S LLE B AVDD_RX AVSS AVSS AVSS D AVSS AVSS AVDD_TX AVSS VSS NC NC VDD_1V VDD_3V VDD_1V VS S VSS VDD_3V KILLRXCLKB AVSS AVDD_RX AVSS RXCAP1 E TXCAP1 AVSS AVDD_TX AVDD_TX VDD_TLL VDD_TX_ CORE TXCLK_SEL VDD_TX_ CORE VDD_TX_ CORE VDD_RX_ CORE VSS VDD_3V VDD_3V VS S AVSS AVDD_RX AVSS RXCAP2 F TXCAP2 AVSS AVDD_TX AVSS VDD_TLL VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE VDD_RX_ CORE AVDD_RX AVDD_RX AVSS AVSS G AVSS AVSS AVSS AVDD_TX AVSS VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE VDD_RX_ CORE AVDD_RX AVDD_RX AVDD_RX AVSS H REFCLKP REFCLKN AVSS AVDD_TX VSS VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE 155/77MCKN 155/77MCKP TXLOCKDET RXLOCKDET J VDD_3V_REF VSS_REF V DD_ 1 V _ RE F AVDD_TX VSS VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE NC NC NC VSS_LVPECL K PINP14 PINN14 VSS_CMOS PINP15 PINN15 VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE NC VSS_LVPECL VDD_LVPECL POUTN0 POUTP0 L VSS_CMOS PINP13 PINN13 VSS_CMOS VDD_1V VDD_TX_ CORE VSS_TX VSS_TX VSS_TX VSS_RX VSS_RX VSS_RX VDD_RX_ CORE VDD_RX_ CORE VDD_LVPECL POUTN1 POUTP1 VSS_LVPECL M PINP12 PINN12 VDD_3V PINP11 PINN11 VSS_CMOS VDD_TX_ CORE VSS_TX VDD_TX_ CORE VDD_RX_ CORE VDD_LVPECL VDD_RX_CORE VSS_RX VDD_RX_ CORE VSS_LVPECL VDD_LVPECL POUTN2 POUTP2 N VSS_CMOS PINP10 PINN10 V DD_ 1 V VDD_3V PINN1 VSS_CMOS VDD_1V VDD_LVPECL VSS-LVPECL POCLKN VDD_LVPECL POUTN11 VDD_LVPECL VSS_LVPECL POUTN3 POUTP3 VSS_LVPECL P PINP9 PINN9 VSS_CMOS VSS_CMOS PINN3 PINP1 PICLKN VSS_CMOS VSS_LVPECL VDD_LVPECL POCLKP POUTN13 POUTP11 POUTN9 VDD_LVPECL VDD_LVPECL POUTN4 POUTP4 R VSS_CMOS PINP8 PINN8 VDD_3V PINP3 VDD-1V PICLKP VDD_3V PHERRN VDD-LVPECL VSS_LVPECL POUTP13 VSS_LVPECL POUTP9 VSS_LVPECL POUTN5 POUTP5 VSS_LVPECL T PINP7 PINN7 VSS_CMOS PINN5 VSS_CMOS PINN2 VSS_CMOS PHINITN PHERRP VSS-LVPECL POUTN15 VDD_LVPECL POUTN12 VDD_LVPECL POUTN8 VSS_LVPECL POUTN6 POUTP6 U VDD_3V VSS_CMOS PINN6 PINP5 PINN4 PINP2 PINN0 PHINITP VDD_LVPECL PCLKN POUTP15 POUTN14 POUTP12 POUTN10 POUTP8 POUTN7 VSS_LVPECL VDD_LVPECL V VSS_CMOS VDD_1V PINP6 VSS_CMOS PINP4 VSS_CMOS PINP0 VSS_CMOS VSS PCLKP VSS_LVPECL POUTP14 VSS_LVPECL POUTP10 VSS_LVPECL POUTP7 VDD-LVPECL VSS_LVPECL May 25, 2001 / Revision A 15 S3055 Figure 6. S3055 Pinout Top View 1 2 3 4 5 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR 6 7 8 9 10 11 12 13 14 15 16 17 18 A VSS_TTL VDD_TTL VSS_RSD RSDP RS D N V DD_ RS D SDLVPECL RLPTIME VDD_TSD TSDN TSDP VDD_TSD VDD_TSCLK TSCLKN TSCLKP VDD_TSCLK VDD_ BYPASS VDD_ BYPASS B VDD_TTL VSS_TTL VSS_RSD VSS_RSD VDD_RSD SDLVTTL LCKREFN SLPTIME VDD_TSD VSS_TSD VSS_TSD VSS_TSD VDD_TSCLK VSS_TSCLK VSS_TSCLK VSS_TSCLK VSS_BYPASS BYPASSCLKP C AVSS AVSS AVSS AVDD_RX LLEB VS S VDD_3V DLEB RSTB TESTEN VSS NC NC BYPASS AVSS AVDD_TX VSS_BYPASS BYPASSCLKN D RXCAP1 AVSS AVDD_RX AVSS KILLRXCLKB VDD_3V VS S VSS VDD_1V VDD_3V VDD_1V NC NC VS S AVSS AVDD_TX AVSS AVSS E RXCAP2 AVSS AVDD_RX AVSS V SS VDD_3V VDD_3V VS S VDD_RX_ CORE VDD_TX_ CORE VDD_TX_ CORE TXCLK_SEL VDD_TX_ CORE VDD_TTL AVDD_TX AVDD_TX AVSS TXCAP1 F AVSS AVSS AVDD_RX AVDD_RX VDD_RX_ CORE VDD_RX_ CORE VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE VDD_TTL AVSS AVDD_TX AVSS TXCAP2 G AVSS AVDD_RX AVDD_RX AVDD_RX VDD_RX_ CORE VDD_RX_ CORE VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE AVSS AVDD_TX AVSS AVSS AVSS H RXLOCKDET TXLOCKDET 155/77MCKP 155/77MCKN VDD_RX_ CORE V S S _ RX VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE VSS AVDD_TX AVSS REFCLKN REFCLKP J VSS_LVPECL NC NC NC VDD_RX_ CORE V S S _ RX VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE VSS AVDD_TX VDD_1V_REF VSS_REF VDD_3V_REF K POUTP0 POUTN0 VDD_LVPECL VSS_LVPECL NC V DD_ RX _ CORE VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE PINN15 PINP15 VSS_CMOS PINN14 PINP14 L VSS_LVPECL POUTP1 POUTN1 VDD_LVPECL VDD_RX_ CORE VDD_RX_ CORE VSS_RX VSS_RX VSS_RX VSS_TX VSS_TX VSS_TX VDD_TX_ CORE VDD_1V VSS_CMOS PINN13 PINP13 VSS_CMOS M POUTP2 POUTN2 VDD_LVPECL VSS_LVPECL VDD_RX_ CORE VSS_RX VDD_RX_COVDD_LVPECL RE VDD_RX_ CORE VDD_TX_ CORE VSS_TX VDD_TX_ CORE VSS_CMOS PINN11 PINP11 VDD_3V PINN12 PINP12 N VSS_LVPECL POUTP3 POUTN3 VSS_LVPECL VDD_LVPECL POUTN11 VDD_LVPECL POCLKN VSS-LVPECL VDD_LVPECL VDD_1V VSS_CMOS PINN1 VDD_3V VDD_1V PINN10 PINP10 VSS_CMOS P POUTP4 POUTN4 VDD_LVPECL VDD_LVPECL POUTN9 POUTP11 POUTN13 POCLKP VDD_LVPECL VSS_LVPECL VSS_CMOS PICLKN PINP1 PINN3 VSS_CMOS VSS_CMOS PINN9 PINP9 R VSS_LVPECL POUTP5 POUTN5 VSS_LVPECL POUTP9 VSS_LVPECL POUTP13 VSS_LVPECL VDD-LVPECL PHERRN VDD_3V PICLKP VDD-1V PINP3 VDD_3V PINN8 PINP8 VSS_CMOS T POUTP6 POUTN6 VSS_LVPECL POUTN8 VDD_LVPECL POUTN12 VDD_LVPECL POUTN15 VSS-LVPECL PHERRP PHINITN VSS_CMOS PINN2 VSS_CMOS PINN5 VSS_CMOS PINN7 PINP7 U VDD_LVPECL VSS_LVPECL POUTN7 POUTP8 POUTN10 POUTP12 POUTN14 POUTP15 PCLKN VDD_LVPECL PHINITP PINN0 PINP2 PINN4 PINP5 PINN6 VSS_CMOS VDD_3V V VSS_LVPECL VDD-LVPECL POUTP7 VSS_LVPECL POUTP10 VSS_LVPECL POUTP14 VSS_LVPECL PCLKP VSS VSS_CMOS PINP0 VSS_CMOS PINP4 VSS_CMOS PINP6 VDD_1V VSS_CMOS 16 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 7. Package Drawing 324 PBGA S3055 Table 6. Thermal Management Device S3055 Max Package Power 1.9 W ja (Still Air) 27.4 C/W jc 1.9 C/W Note: S3055 requires an airflow of 300 LFPM for industrial operating range. May 25, 2001 / Revision A 17 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 7. Performance Specifications Parameter Nominal VCO Center Frequency CSU and CDR Jitter Generation (CSU) Min Typ 2.488 Max Units GHz Conditions 0.007 Reference Clock Frequency Tolerance Reference Clock Input Duty Cycle Reference Clock Rise and Fall Times Acquisition Time (CDR) 155.52 MHz REFCLK -100 45 +100 55 1.5 250 UI (rms) Note: Output jitter measured at SONET operating rate using appropriate filter, rms jitter, in lock. ppm 20 is required to meet SONET output frequency specification. % ns sec 10% to 90% of amplitude. Minimum transition density of 20%. Guaranteed but not tested. With device already powered up and valid ref. clk. Guaranteed but not tested. Frequency difference at which the PLL goes out of lock (REFCLK compared to the divided down VCO clock)-CDR Frequency difference at which the receive PLL goes into lock (REFCLK compared to the divided down VCO clock) CDR Jitter Generation (CDR) with VCO locked to SERDATIP/N REFCLK to PCLK Delay RSTB to TXLOCKDET Delay Bit Latency - Number of clock cycles after PINP/N[X] appears at TSDP/N 450 600 770 ppm 220 30 0 390 ppm Guaranteed but not tested. 0.01 0 6.43 500 20 UI (rms) Note: This mode is valid in the SLPTIME, RLPTIME, and LLEB mode only. ns Guaranteed but not tested. s Guaranteed but not tested. REFCLK Guaranteed but not tested. Cycles 18 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 8. Jitter Tolerance Specifications Parameter Jitter Tolerance STS-48 Min 0.4 Typ 0.5 Max Units UI Conditions 1 MHz < f < 20 MHz Data Pattern = 27-1 PRBS S3055 Table 9. Absolute Maximum Ratings The following are the absolute maximum stress ratings for S3055 device. Stresses beyond those listed may cause permanent damage to the device. Absolute maximum ratings are stress ratings only and operation of the device at the maximums stated or any other conditions beyond those indicated in the "Recomended Operating Conditions" of the document are not inferred. Parameter Storage Temperature Voltage on 3.3 Volts Power pins with respect to GND Voltage on 1.8 Volts Power pins with respect to GND Voltage on any LVPECL Input Pin Mi n -6 5 -0.5 -0.2 0 Typ Max 150 +3.6 +1.98 VDD_LVPECL Units o C V V V ESD Ratings The S3055 is rated to the following voltages based on the human body model: 1. All pins are rated at 500 volts except TXCAP1, TXCAP2 and TSDP. TXCAP1, TXCAP2 and TSDP are rated at 100 volts. Table 10. Recommended Operating Conditions Parameter Ambient Temperature Under Bias1 Voltage on 1.8 Volts Power Planes with respect to GND Voltage on 3.3 Volts Power Planes with respect to GND Voltage on any LVPECL Input Pin Voltage on any LVTTL Input Pin 1.8 Volts Supply Current2 3.3 Volts Supply Current2 1. 300 LFPM of airflow is required for a upper temperature range of 85 C. 2. Outputs unloaded. Min 0 1.71 3.135 0 0 Typ Max 70 Units o C 1.8 3.3 1.89 3.465 VDD_LVPECL VDD_TTL 550 150 V V V V mA mA May 25, 2001 / Revision A 19 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 11. LVTTL Input/Output DC Characteristics Parameter VIH VIL IIH IIL VOH VOL Description Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage -500 2.4 0.5 Min 2.0 0.0 Typ Max VDD_TTL 0.8 50 Units V V A A V V Conditions VDD_TTL = Max VDD_TTL = Max VIN = 2.4 V VIN = 0.5 V VCC = min IOH = -100 A VCC = min IOL = 1 mA Table 12. Internally Biased Differential LVPECL Input DC Characteristics Parameter VIL VIH VINSINGLE VINDIFF VBIAS Description LVPECL Input Low LVPECL Input High Single Ended Input Voltage Swing Diff. Input Voltage Swing Input DC Bias Min VDD_LVPECL -2.0 VDD_LVPECL -1.25 200 40 0 VDD_LVPECL -0.65 VCC -0.5 Typ Max VDD_LVPECL -1.4 VDD_LVPECL -0.55 1200 2400 VDD_LVPECL -0.35 Units V V mV mV V Conditions Funtional Test Only. Funtional Test Only. See Figure 12. See Figure 12. 20 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 13. Differential LVPECL Output DC Characteristics Parameter Description Single Ended Output Voltage Swing Min Typ Max Units S3055 Conditions 270 to GND. 100 Line to Line. See Figure 12. 270 to GND. 100 Line to Line. See Figure 12. 270 to GND. 100 Line to Line. 270 to GND. 100 Line to Line. VOUTSINGLE 500 90 0 mV VOUTDIFF Diff. Output Voltage Swing 1000 1800 mV VOH Output High Voltage VDD_ LVPECL -1.09 VDD_ LVPECL -1.93 VDD_ LVPECL -0.83 VDD_ LVPECL -1.44 V VOL Output Low Voltage V May 25, 2001 / Revision A 21 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 14. Single-Ended LVPECL Input DC Characteristics Parameter VIL VIH Description PECL Input Low Voltage PECL Input High Voltage Min VDD_LVPECL -2.0 VDD_LVPECL -1.25 Typ Max VDD_LVPECL -1.40 VDD_LVPECL -0.55 Units V V Conditions Functional test only. Functional test only. Table 15. Differential CML Output DC Characteristics Parameter VOH (CLOCK) VOL (CLOCK) VOUTDIFF (CLOCK) VOUTSINGLE (CLOCK) VOH (DATA) VOL (DATA) VOUTDIFF (DATA) VOUTSINGLE (DATA) Description CML Output High Voltage. CML Output Low Voltage. CML Serial Output Differential Voltage Swing CML Serial Output SingleEnded Voltage Swing CML Output High Voltage. CML Output Low Voltage. CML Serial Output Differential Voltage Swing CML Serial Output SingleEnded Voltage Swing Min VDD_TSCLK -0.42 VDD_TSCLK -1.01 800 Typ Max VDD_TSCLK -0.25 VDD_TSCLK -0.71 1400 Units V V mV 100 line-toline. See Figure 12. 100 line-toline. See Figure 12. Conditions 400 VDD_TSD -0.45 VDD_TSD -1.15 800 400 700 VDD_TSD -0.25 VDD_TSD -0.73 1400 700 mV V V mV mV Table 16. CML Input DC Characteristics Parameter VINDIFF VINSINGLE RDIFF Description Differential Input Voltage Swing Single-Ended Input Voltage Swing Differential Input Resistance Min 300 150 80 100 Typ Max 1600 800 120 Units mV mV Conditions See Figure 12. See Figure 12. 22 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 17. Transmitter AC Timing Characteristics Parameter TSCLK Frequency TSCLK Duty Cycle TSCLK Duty Cycle Distortion w.r.t. RSCLK (internal) or BYPASSCLK (In SLPTIME, LLEB or BYPASS modes) PICLK Duty Cycle tSPIN tHPIN tSTSD tHTSD PINP/N[15:0] Setup Time w.r.t. PICLK PINP/N[15:0] Hold Time w.r.t. PICLK TSD Setup Time w.r.t. TSCLK Rising TSD Hold Time w.r.t. TSCLK Rising PCLK to PICLK drift after FIFO is centered PCLK Duty Cycle TSCLK Rise and Fall Time TSD Rise and Fall Time 45 35 1.5 0.5 120 120 5.2 55 120 150 45 Description Min Max 2.488 55 5.0 65 S3055 Units GHz % % % ns ns ps ps ns % ps ps Figure 8. Transmitter Input Timing1 PICLKP tSPIN tHPIN Figure 9. Transmitter Output Timing1 TSCLKP tSTSD TSD tHTSD PINP/N[15:0] Notes on Timing: 1. Timing is measured from the crossover point of the clock to the crossover point of the data. May 25, 2001 / Revision A 23 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Table 18. AC Receiver Timing Characteristics Parameter Description POCLK Duty Cycle tSPOUT tHPOUT POUTP/N[15:0] Setup Time w.r.t. POCLK POUTP/N[15:0] Hold Time w.r.t. POCLK Min 45 2.25 2 Max 55 Units % ns ns Figure 10. Receiver Output Timing Diagram1 POCLKP tS POUT POUTP/N[15:0] tHPOUT Notes on Timing: 1. Timing is measured from the crossover point of the clock to the crossover point of the data. Figure 11. S3055 155.52 MHz REFCLK Phase Noise Limit -60 -80 Phase Noise (dBc) 155 Limit 1 (100mUI jitter) -100 155 Limit 2 (100mUI jitter) -120 -140 -160 100 1,000 10,000 100,000 1,000,000 10,000,000 100,000,000 Freq (Hz) 24 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 12. Differential Voltage Measurement V(+) VSINGLE V(-) S3055 V(+) - V(-) VDIFF = 2 X VSINGLE 0.0V Note: V(+) - V(-) is the algebraic difference of the input signals. Figure 13. Phase Adjust Timing1 4-10 BYTE CLOCKS 2 BYTE CLOCKS PHERR PHINIT PCLKP PICLKP TRANSFER CLK (Internal) 1. The byte clock = 155.52 MHz. May 25, 2001 / Revision A 25 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 14. Differential CML Output to +5V/+3.3V PECL Input AC Coupled Termination +1.8 V 0.01 F Zo=50 +5 V/+3.3 V 100 0.01 F S3055 TSDP/N TSCLKP/N Zo=50 Figure 15. Differential LVPECL Driver to LVPECL Input Termination +3.3 V Zo=50 130 82 130 82 +3.3 V Zo=50 S3055 POUTP/N[15:0] / POCLKP/N PCLKP/N / PHERRP/N 155/77 MCKP/N Figure 16. Differential LVPECL Driver to Differential LVPECL Input Termination +3.3 V 270 270 S3055 POUTP/N[15:0] / POCLKP/N PCLKP/N / PHERRP/N 155/77MCKP/N Zo=50 100 Zo=50 +3.3 V 26 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 17. +5V Differential PECL Driver to S3055 Differential CML Input AC Coupled Termination S3055 +3.3/5 V 0.01 F 330 330 0.01 F Zo=50 Vcc1.8 - 0.5 V S3055 RSDP/N BYPASSCLKP/N Zo=50 Vcc1.8 - 0.5 V +1.8 V 100 Figure 18. +5V Differential PECL Driver to S3055 Differential LVPECL Reference Clock Input AC Coupled Termination +5 V 0.01 F 330 330 0.01 F Zo=50 Zo=50 100 Vcc3.3 -0.5 V +3.3 V Vcc3.3 -0.5 V S3055 REFCLKP/N 155 MHZ OSCILLATOR Figure 19. +3V Differential LVPECL Driver to S3055 Differential LVPECL Reference Clock Input DC Coupled Termination +3.3 V Zo=50 330 330 Zo=50 100 Vcc3.3 -0.5 V +3.3 V Vcc3.3 -0.5 V S3055 REFCLKP/N 155 MHz OSCILLATOR May 25, 2001 / Revision A 27 S3055 SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Figure 20. Differential LVPECL Driver to S3055 Internally Biased Differential LVPECL Inputs +3.3 V Zo=50 100 Zo=50 Vcc3.3 -0.5 V +3.3 V Vcc3.3 -0.5 V S3055 PINP/N[15:0] PICLKP/N PHINITP/N Figure 21. External Loop Filter Components 20 F 51 RXCAP1 51 RXCAP2 150 10 F 150 TXCAP2 TXCAP1 28 May 25, 2001 / Revision A SONET/SDH/ATM OC-48 16 BIT TRANSCEIVER WITH CDR Ordering Information PREFIX DEVICE PACKAGE S3055 S - Integrated Circuit 3055 PB-324PBGA X Prefix XXXX Part No. XX Package (S3055 PB) IS O 90 0 RT IFI Applied Micro Circuits Corporation * 6290 Sequence Dr., San Diego, CA 92121 Phone: (858) 450-9333 * (800) 755-2622 * Fax: (858) 450-9885 http://www.amcc.com AMCC reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. AMCC does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. AMCC reserves the right to ship devices of higher grade in place of those of lower grade. AMCC SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. AMCC is a registered trademark of Applied Micro Circuits Corporation. Copyright (R) 2001 Applied Micro Circuits Corporation D147/R710 May 25, 2001 / Revision A E D 1 CE 29 |
Price & Availability of S3055 |